Part Number Hot Search : 
CONTR V30LL 1040CT STK4221 T6200930 SP805TCP 6SVP470M 46001
Product Description
Full Text Search
 

To Download 2SA656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA656 description with to-3 package wide area of safe operation complement to type 2sc519 applications for audio frequency and power amplifier applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -130 v v ceo collector-emitter voltage open base -130 v v ebo emitter-base voltage open collector -5 v i c collector current -7 a p c collector power dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA656 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma ;i b =0 -130 v v (br)cbo collector-base breakdown voltage i c =-1ma ;i e =0 -130 v v (br)ebo emitter-base breakdown voltage i e =-1ma ;i c =0 -5 v v cesat collector-emitter saturation voltage i c =-5a; i b =-1a -2.0 v v besat base-emitter saturation voltage i c =-5a; i b =-1a -2.5 v i cbo collector cut-off current v cb =-130v; i e =0 -0.1 ma i ebo emitter cut-off current v eb =-5v; i c =0 -0.1 ma h fe dc current gain i c =-1a ; v ce =-5v 30 300 c ob collector output capacitance i e =0; v cb =-10v;f=1mhz 150 pf f t transition frequency i c =-1a ; v ce =-10v 5 mhz
savantic semiconductor product specification 3 silicon pnp power transistors 2SA656 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SA656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X